PART |
Description |
Maker |
PI2125-00-LGIZ PI2125 |
30 Volt, 12 Amp Full-Function Active ORing Solution
|
Vicor Corporation
|
LT3497EDDB LT3497EDDBTRMPBF |
Dual Full Function White LED Driver with Integrated Schottky Diodes; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C LED DISPLAY DRIVER, PDSO10
|
Linear Integrated Systems Linear Technology, Corp.
|
P4C1281L-30CC P4C1281L-30CM P4C1281L-30JC P4C1282L |
Dual LDO w/Microcontroller Reset Function, -40C to 125C, 8-DFN, T/R DUAL LDO W/MICROCONTROLLER, -40C to 125C, 8-DFN, T/R VOLTAGE DETECTOR W/PUSH-PULL ACTIVE HIGH OUTPUT & Oms TIMEOUT, -40C to 125C, 5-SOT-23, T/R DUAL LDO W/MICROCONTROLLER WITH RESET FUNCTION, -40C to 125C, 8-MSOP, T/R x4 SRAM x4的SRAM
|
TE Connectivity, Ltd.
|
SI-3240F SI-3120F SI-3150F SI-3090F SI-3050F SI-30 |
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type 24 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5 RELAYS; 10A 12-PIN DPDT 2 NO W/ CLIP 12 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5 Plug-In Relay; Contacts:6PST-4NO/2NC; Coil Voltage DC Max:24V; Contact Carry Current:10A; Coil Resistance:540ohm; Relay Options:Polycarbonage Covers; Relay Mounting:Plug-In; Leaded Process Compatible:No; Mounting Type:Plug In 5-Terminal/ Multi-Function/ Full-Mold/ Low Dropout Voltage Dropper Type 5-Terminal Multi-Function Full-Mold Low Dropout Voltage Dropper Type
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
EVAL6563-80W |
L6563 80W High performanceTM PFC with active tracking boost function
|
STMicroelectronics
|
ISL83086EIUZ-T ISL83083EIUZ-T FN6085 |
±15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R LINE TRANSCEIVER, PDSO10 ±15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
|
Intersil, Corp. Intersil Corporation
|
PSSP-75-12 PSSP-75-24 PSSP-75-3.3 PSSP-75-7.5 PSSP |
75 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
|
Wall Industries,Inc. http://
|
LCT-H800480M70W1T |
7.0 ACTIVE MATRIX FULL COLOR TFT PANEL
|
LUMEX INC.
|
LCT-H800480M70W1 |
7.0 ACTIVE MATRIX FULL COLOR TFT PANEL
|
LUMEX INC.
|
LCT-H320240M57WT |
5.7 ACTIVE MATRIX FULL COLOR TFT PANEL
|
LUMEX INC.
|
MAFA3032-EC-E-1 MAFA3032-EC-E-2 MAFA3032-EC-P-1 MA |
Erbium Doped Fiber Micro Amplifier Full Function Fiber Optic Amplifier Ready for Integration Full Function Fiber Optic Amplifier Ready for Integration
|
Emcore Corporation
|